PART |
Description |
Maker |
PALCE16V8-10 PALCE16V8-15 PALCE16V8-15JC PALCE16V8 |
Flash-Erasable Reprogrammable CMOS PAL Device 闪光可擦除可再编程的CMOS PAL制式设备 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 7.5 ns, PQCC20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 25 ns, PDIP20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 25 ns, PQCC20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 15 ns, CDIP20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 25 ns, CDIP20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 10 ns, PQCC20 Flash Erasable, Reprogrammable CMOS PAL
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
5962-89841 PALCE22V10-15DMB PALCE22V10-10 PALCE22V |
3.3V / 5V ECL ÷2/4, ÷4/5/6 Clock Generation Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 Flash-erasable Reprogrammable CMOS PAL Device FLASH PLD, 15 ns, CDFP24 Flash-erasable Reprogrammable CMOS PAL Device FLASH PLD, 10 ns, CDIP24 Flash-erasable Reprogrammable CMOS PAL Device FLASH PLD, 10 ns, CDFP24 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock; Package: 32 LEAD LQFP 7x7, 0.8P; No of Pins: 32; Container: Tape and Reel; Qty per Container: 2000 3.3V / 5V ECL ÷2/4, ÷4/5/6 Clock Generation Chip; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75 3.3V / 5V ECL ÷2/4, ÷4/5/6 Clock Generation Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
Ecliptek, Corp. Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M5M27C202JK-10 M5M27C202JK-12 M5M27C202JK-15 M5M27 |
2097152-BIT(131072-WORD BY 16-BIT) CMOS ERASABLE AND ELECTRICALLY REPROGRAMMABLE ROM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MB98A809AX |
512K Flash Eelectrically Erasable and Programmable (Flash) memory cards(512K电可擦除可编程闪速存储器 12k闪光Eelectrically可擦除和可编程(闪存)记忆卡(为512k电可擦除可编程闪速存储器卡)
|
Fujitsu, Ltd.
|
N85C224-10 D85C224-80 N85C220-D P85C224-66 D85C224 |
UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件 UV-Erasable/OTPPLD
|
Intel, Corp.
|
ATF22LV10CQZ-30XC ATF22LV10CQZ-30XI ATF22LV10CQZ-3 |
High-performance Electrically Erasable Programmable Logic Device FLASH PLD, 30 ns, PQCC28 PLASTIC, MS-018AB, LCC-28 FLASH PLD, 25 ns, PQCC28 PLASTIC, MS-018AB, LCC-28 30NS, TSSOP, IND TEMP, GREEN(EPLD) FLASH PLD, 30 ns, PDSO24
|
ATMEL Corporation Atmel, Corp.
|
P89LPC9321 P89LPC9321FA P89LPC9321FDH P89LPC9321FN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM, SOT117-1 (DIP28), Tube 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDIP28
|
NXP Semiconductors N.V.
|
M45PE40 M45PE40-VMP6G M45PE40-VMP6TG M45PE40-VMP6T |
4 Mbit Uniform Sector, Serial Flash Memory From old datasheet system 4 MBIT, LOW VOLTAGE, PAGE-ERASABLE SERIAL FLASH MEMORY WITH BYTE-ALTERABILITY AND A 33 MHZ SPI BUS INTERFACE
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
P89LPC931A1 P89LPC931A1FDH P89LPC9301 P89LPC9301FD |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
|
NXP Semiconductors
|
P89LPC9402 P89LPC9402FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment 4 LCD driver
|
NXP Semiconductors
|
M45PE10 M45PE10-VMN6G M45PE10-VMN6P M45PE10-VMN6TG |
1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
|
Numonyx B.V
|